Part Number Hot Search : 
2N264 ISL6526 SI7921DN A3949SLP A3949SLP MA4E2513 HA8001 EA87FL30
Product Description
Full Text Search
 

To Download TS522 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS522
PRECISION LOW NOISE DUAL OPERATIONAL AMPLIFIERS
. . . . . .
LOW INPUT OFFSET VOLTAGE 850V max. LOW VOLTAGE NOISE : 4.5nV/ Hz HIGH GAIN BANDWIDTH PRODUCT : 15MHz HIGH SLEW RATE : 7V/s LOW DISTORTION : 0.002% ESD INTERNAL PROTECTION 2kV
N DIP8 (Plastic Package)
D SO8 (Plastic Micropackage)
DESCRIPTION The TS522 is a monolithic dual operational amplifier mainly dedicated to audio applications. The TS522 offers a very low input offset voltage as well as low voltage noise (4.5nV/ ) and high dy Hz namic performances (15MHz gain bandwidth product, 7V/s slew rate). The output stage allows a large output voltage swing and symmetrical source and sink currents. PIN CONNECTIONS (top view)
ORDER CODES
Part Number TS522I Temperature Range -40, +125oC Package N * D *
Output 1
Inverting input 1 Non-inverting input 1
1 2 3
+ +
8 7 6 5
VCC+
Output 2 Inverting input 2 Non-inverting input 2
-4 V CC
September 1997
1/5
TS522
SCHEMATIC DIAGRAM (1/2 TS522)
VCC
Output Inverting Input Non-inverting Input
VCC
ABSOLUTE MAXIMUM RATINGS
Symbol VCC Vid Vi Toper Tj Tstg Ptot
Notes :
Parameter Supply Voltage Differential Input Voltage - (note 1) Input Voltage - (note 1) Output Short-Circuit Duration - (note 2) Operating Free-air Temperature Range Maximum Junction Temperature Storage Temperature Maximum Power Dissipation - (note 2)
Value 18 or +36 30 15 Infinite -40 to +105 +150 -65 to +150 500
Unit V V V
o o o
C C C
mW
1. Either or both input voltages must not exceed the magnitude of VCC+ or VCC2. Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded
OPERATING CONDITIONS
Symbol VCC Supply Voltage Parameter Value 2.5 to 15 Unit V
2/5
TS522
ELECTRICAL CHARACTERISTICS VCC+ = +15V, VCC- = -15V, Tamb = 25oC (unless otherwise specified)
Symbol Vio Parameter Input Offset Voltage (Vo = 0V, Vic = 0V) o Tamb = +25 C Tmin. Tamb Tmax. Input Offset Voltage Drift Vic = 0V, Vo = 0V, Tmin. Tamb Tmax. Input Offset Current (Vic = 0V, VO = 0V) o Tamb = +25 C Tmin. Tamb Tmax. Input Bias Current (Vic = 0V, VO = 0V) Tamb = +25oC Tmin. Tamb Tmax. Common Mode Input Voltage Range (VIO = 5mV, VO = 0V) Large Signal Voltage Gain (RL = 2k, VO = 10V) o Tamb = +25 C Tmin. Tamb Tmax. Output Voltage Swing (Vid = 1V) RL = 600 RL = 600 RL = 2.0k RL = 2.0k RL = 10k RL = 10k CMR SVR Io Common Mode Rejection Ratio (Vic = 13V) Supply Voltage Rejection Ratio VCC+ / VCC- = +15V / -15V to +5V / -5V Output Short Circuit Current (Vid = 1V, Output to Ground) Source Sink Supply current (VO = 0V, All Amplifiers) Tamb = +25oC Tmin. Tamb Tmax. Slew Rate Vi = -10V to +10V, RL = 2k, CL = 100pF, AV = +1 Gain Bandwidth Product (f = 100kHz, RL = 2k, CL = 100pF) Unity Gain Bandwidth (Open loop) Gain Margin (RL = 2k) Phase Margin (RL = 2k) CL = 0pF CL = 100pF CL = 0pF CL = 100pF 5 10 13.2 13.5 80 80 15 20 13 90 85 2 10 150 175 nA 250 14 100 V 12.2 -12.7 14 -14.2 14.3 -14.6 100 105 mA 29 37 mA 4 5 5.5 V/s 7 15 9 -11 -6 55 30 4.5 0.5 0.002 120 120 37 175 12 dB kHz k pF MHz MHz dB Degrees nV Hz pA Hz % -13.2 -14 dB dB 750 800 V dB Min. Typ. Max. 0.85 1.7 V/oC nA Unit mV
DVio Iio
Iib
Vicm Avd Vopp
ICC
SR GBP B Am m en in THD VO1/VO2 FPB Zo Ri Ci
Equivalent Input Noise Voltage (RS = 100, f = 1kHz) Equivalent Input Noise current (f = 1kHz) Total Harmonic Distortion RL = 2k, f = 20Hz to 20kHz, VO = 3Vrms, AV = +1 Channel Separation (f = 20Hz to 20kHz) Full Power Bandwidth (VO = 27Vpp, RL = 2k, THD 1%) Output Impedance (VO = 0V, f = 9MHz) Input Resistance (Vic = 0V) Input Capacitance (Vic = 0V)
3/5
TS522
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC DIP
Dim. A a1 B b b1 D E e e3 e4 F i L Z
Millimeters Min. 0.51 1.15 0.356 0.204 7.95 2.54 7.62 7.62 6.6 5.08 3.18 3.81 1.52 0.125 1.65 0.55 0.304 10.92 9.75 0.313 Typ. 3.32 0.020 0.045 0.014 0.008 Max. Min.
Inches Typ. 0.131 0.065 0.022 0.012 0.430 0.384 0.100 0.300 0.300 0260 0.200 0.150 0.060
DIP8.TBL
Max.
4/5
PM-DIP8.EPS
TS522
PACKAGE MECHANICAL DATA 8 PINS - PLASTIC MICROPACKAGE (SO)
Dim. A a1 a2 a3 b b1 C c1 D E e e3 F L M S
Min. 0.1 0.65 0.35 0.19 0.25 4.8 5.8
Millimeters Typ.
Max. 1.75 0.25 1.65 0.85 0.48 0.25 0.5 45o (typ.) 5.0 6.2
Min. 0.004 0.026 0.014 0.007 0.010 0.189 0.228
Inches Typ.
Max. 0.069 0.010 0.065 0.033 0.019 0.010 0.020 0.197 0.244
1.27 3.81 3.8 0.4 4.0 1.27 0.6 8o (max.) 0.150 0.016
0.050 0.150 0.157 0.050 0.024
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
ORDER CODE :
(c) 1997 SGS-THOMSON Microelectronics - Printed in Italy - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
5/5
SO8.TBL
PM-SO8.EPS


▲Up To Search▲   

 
Price & Availability of TS522

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X